Part Number Hot Search : 
02255 MOD0250 MC10H302 PNZ108F HWF1686 FN3187 W9412 101EF
Product Description
Full Text Search
 

To Download GSM11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GSM11 medical series single output power supply ? 85 - 264 vac input range (100 - 240 vac nominal) ? overvoltage and short circuit protection ? approved to ul, csa and en standards ? class ii input ? rohs compliant (g suffx models) the GSM11 series is an 11 w universal input ac/dc power supply in an industry leading small footprint. with the medical approvals the GSM11 is ideal for a variety of medical device applications includ - ing small single board computers, battery charging, and running small motors, pumps, and solenoids. the series, with full approval to en60601-1 and en60950-1 standards, improves design-in time and reduces end system compliance costs. input specifications input voltage range universal input 100-240 nom (85 - 264 max) vac input frequency 55 hz +/- 10 hz input surge current 35 a max. input current 120 vac 0.23 a 230 vac 0.16 a input fuse f1 1.0 a emc information conducted emissions en55011 level b radiated emissions en55011 level a line freq. harmonics en61000-3-2 complies voltage fuctuations en61000-3-3 complies esd air en61000-4-2 8 kv air esd contact en61000-4-2 4 kv contact radiated immunity en61000-4-3 3 v/m fast transients (eft) en61000-4-4 2 kv line surge immunity en61000-4-5 1 kv differential conducted immunity en61000-4-6 3 vrms power freq. mag. feld en61000-4-8 3 a/m voltage dip immunity en61000-4-11 5 cycles 40 % vnom 4.0 watts. 25 cycles 70 % vnom 11 w environmental specifications thermal performance operating ambient (see ratings chart) 0-70 o c non-operating -40 to +85 o c 0 - 50 o c convection cooled 11 watts 50 -70 o c ambient convection cooled derate to 50% relative humidity non-condensing 5% - 95% rh maximum altitude operating / non-operating 10,000 ft. / 40,000 ft. max. vibration 5 hz- 500 hz 2.5 g rms shock per mil-std-810e 516.4 part iv ouput specifications output power natural convection 11 watts total regulation see table turn on time 2.0 s max. transient response main output 50% 0.2 a/ m s 5% max. dev. 1 ms recovery to 1% temperature coef - fcient +/-0.03%/oc overvoltage protection 110 - 155% short circuit protection power cycling 135 % +/- 20 % all specifcations are typical at nominal input, full load at 25 o c unless otherwise stated specifications low power medical power supplies 11 watt ac/dc universal input power supply summary
general specifications hold-up time 120 vac, 60 hz >31 ms at 11 watts output effciency 120 vac 11 w output 67 - 77 % isolation voltage input to ouput 4000 vac 1500 vac switching frequency fxed 80 khz, +/- 5 khz safety approvals ul/en/iec 60601-1 csa22.2 no.601 ul/en/iec 60950-1 csa22.2 no.60950-1 maximum weight 50 g (0.1 lbs) model number shown with opt a connectors 50 o c convection ripple regulation adjustment GSM11-3aag 3.3 v 2.0 a 50 mv 2% +/- 5% GSM11-5aag 5.1 v 2.2 a 50 mv 2% +/- 5% GSM11-12aag 12 v 0.92 a 120 mv 2% +/- 5% GSM11-15aag 15 v 0.73 a 150 mv 2% +/- 5% GSM11-24aag 24 v 0.46 a 240 mv 2% +/- 5% GSM11-28aag 28 v 0.39 a 280 mv 2% +/- 5% notes 1. convection cooling rating is 11 watts (7 watts on 3.3 v unit) 2. when the input voltage is less than 90 vac the operating temperature range is 0 o c to 40 o c. the ripple and regulation specs. may not be met. 3. peak output rating is 15 watts for 1 minute, 10% duty cycle. (7 watts on 3.3 v unit) 4. noise 0.5% rms, 1% pk-pk, 20 mhz bandwidth, differential mode. measured with scope probe directly across output terminals of the power supply. 5. installation data is online at www.condorpower.com GSM11 connector options (other options available) ac input option a option b option t connector 2.5 mm spox 0.025 square pin locking screw terminal block part num molex 22-43-8030 molex 22-23-2031 weco 950-t-ds/02 mate molex 50-37-5033 molex 22-01-2035 26-16 gage pins molex 08-70-1040 molex 08-50-0113 n/a kit 18-30234-111a 18-30234-111b n/a pin 1 =neutral pin 3 =line pin 1 =neutral pin 3 =line pin 1 =neutral pin 2 =line dc output option a option b option t connector 2.5 mm spox 0.025 square pin locking screw terminal block part num molex 22-43-8020 molex 22-23-2021 weco 950-t-ds/02 mate molex 50-37-5023 molex 22-01-2025 26-16 gage pins molex 08-70-1040 molex 08-50-0113 n/a kit 18-30234-112a 18-30234-112b n/a pin 1=+vout pin 2 =return pin 1=+vout pin 2 =return pin 1=+vout pin 2 =return condor dc power supplies inc. 2311 statham parkway, oxnard ca, 93033, usa. phone:(805) 486 4565 fax:(805) 487 8911 email: condor@condordc.com GSM11 rev c 10/18/05. data sheet ? 2005 condor dc power supplies inc. the information and specifcations contained in this data sheet are believed to be correct at time of publication. however, condor accepts no responsibility for consequences arising from reproduction errors or inaccuracies. specifcations are subject to change without notice. GSM11 part numbering scheme GSM11-xxyyg xx=volts (5,12,etc) yy=in-out connectors e.g. aa, tb, ba g=rohs compliant


▲Up To Search▲   

 
Price & Availability of GSM11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X